Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5994 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 9Page - STMicroelectronics L5994_02 Datasheet HTML 10Page - STMicroelectronics L5994_02 Datasheet HTML 11Page - STMicroelectronics L5994_02 Datasheet HTML 12Page - STMicroelectronics L5994_02 Datasheet HTML 13Page - STMicroelectronics L5994_02 Datasheet HTML 14Page - STMicroelectronics L5994_02 Datasheet HTML 15Page - STMicroelectronics L5994_02 Datasheet HTML 16Page - STMicroelectronics L5994_02 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
L5994 - L5994A
The 5V regulator is always active, even if both PWM regulators are disabled, as long as power is applied to the
chip.
The 2.5V reference voltage generator, provides comparison levels for threshold detection and device operation.
It is allowed to source up to 5mA to an external load from its buffered output, externally available through pin
VREF.
The reference voltage generator is active if at least one of the two RUNx signal is asserted.
If either PREG5 or VREF does not deliver the correct voltage, the device is shut down.
Figure 6. Controlled timing sequencies
t
t
t
RUN2
VOUT2
RUN1
t
VOUT1
t
CRST
PWROK1
t
t
t
t
RUN2
VOUT2
H2GATE
t
R2GATE
t
CRST
t
PWROK2
t
RUN1
t
VOUT1
t
H1GATE
t
R1GATE
a) TURN-ON TIMING SEQUENCE
b) SHUTDOWN TIMING SEQUENCE (1)
t
t
t
RUN2
VOUT2
H2GATE
t
R2GATE
t
CRST
t
PWROK2
t
RUN1
t
VOUT1
t
H1GATE
t
R1GATE
c) SHUTDOWN TIMING SEQUENCE (2)
t
H2GATE
t
R2GATE
t
VOUT2
t
PWROK
t
VOUT1
CRST
t
H1GATE
t
R1GATE
d) OVP TIMING SEQUENCE
PWROK2
t
t
PWROK1
t
PWROK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com