Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5994 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 15Page - STMicroelectronics L5994_02 Datasheet HTML 16Page - STMicroelectronics L5994_02 Datasheet HTML 17Page - STMicroelectronics L5994_02 Datasheet HTML 18Page - STMicroelectronics L5994_02 Datasheet HTML 19Page - STMicroelectronics L5994_02 Datasheet HTML 20Page - STMicroelectronics L5994_02 Datasheet HTML 21Page - STMicroelectronics L5994_02 Datasheet HTML 22Page - STMicroelectronics L5994_02 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
L5994 - L5994A
Transformer Catch Diode (L5994A only)
The diode which steers the current generated by the secondary winding of the +5.1V transformer should be a
fast-recovery one, with a breakdown voltage greater than:
with a certain safety margin. The diode has to withstand a pulsed current whose peak value is approximately:
while its RMS value is given by:
The DC value is obviously IOUT12.
Transformer Filter Capacitors
The most stringent requirement on the input filter capacitor (connected between V13IN and ground) is its RMS
ripple current rating, which should be at least:
The working voltage should be higher than the voltage generated when the regulator is lightly loaded. Also for
this part the use of high quality electrolytic or OS-CON capacitors is advised.
Layout and Grounding
The electrical design is only the first step in the development of a switching converter. Since currents ranging
from mA to some A, both DC and switched, live together on the same circuitboard, the PCB layout is vital for a
correct operation of the circuit but is not an easy task.
A proper layout process generally includes careful component placing, proper grounding, correct traces routing,
and appropriate trace widths. Fortunately, since low voltages are involved in this kind of applications, isolation
requirements are of no concern.
Referring to literature for a detailed analysis of this matter, only few important points will be here reminded.
1) All current returns (signal ground, power ground, etc.) should be mutually isolated and should be con-
nected only at a single ground point. Ground planes may be extremely useful both to arrange properly
current returns and to minimize radiation (see next 2 points), even though they cannot solve every prob-
lem
2) Noise coupling between adjacent circuitry can be reduced minimizing the area of the loop where current
flows. This is particularly important where there are high pulsed currents, that is the circuit including the
input filter capacitor, the power switch, the synchronous rectifier and the output capacitor. The next pri-
ority should be given to the gate drive circuits.
3) Magnetic field radiation (and stray inductance) can be reduced by keeping all traces which carry
switched currents as short as possible.
4) The Kelvin-connected traces of current sense should be kept short and close together.
5) For high current paths, the traces could be doubled on the other side of the PCB whenever possible: this
will reduce both the resistance and the inductance of the wiring.
6) In general, traces carrying signal currents should run far from traces carrying pulsed currents or with
quickly swinging voltages. From this viewpoint, particular care should be taken of the high impedance
paths (feedback input, current sense traces...). It could be a good idea to route signal traces on one PCB
V
RR
V
IN LIN
5.1
–
() η V
IN M AX
5.1
–
()
⋅
+
=
I
13PK
I
OUT12
–
V
IN MIN
V
IN M IN
5.1
–
---------------------------------
⋅
I
13R M S
I
OUT12
V
IN M IN
V
IN M IN
5.1
–
---------------------------------
⋅
=
I
13AC
I
OUT12
5.1
V
IN M IN
5.1
–
---------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com