Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5994 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 16Page - STMicroelectronics L5994_02 Datasheet HTML 17Page - STMicroelectronics L5994_02 Datasheet HTML 18Page - STMicroelectronics L5994_02 Datasheet HTML 19Page - STMicroelectronics L5994_02 Datasheet HTML 20Page - STMicroelectronics L5994_02 Datasheet HTML 21Page - STMicroelectronics L5994_02 Datasheet HTML 22Page - STMicroelectronics L5994_02 Datasheet HTML 23Page - STMicroelectronics L5994_02 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
L5994 - L5994A
20/26
side and power traces on the other side.
7) Use heavy copper traces: this will reduce their resistance, increasing overall efficiency and will improve
their heat-sinking ability.
L5994 Evaluation Kit
The L5994 Evaluation kit is a fully assembled and tested demonstration board that implements a standard ap-
plication circuit, configured according to the following specifications:
Input Voltage Range: 5V to 25V;
3.3V Output: Iout3 = 3A;
5.1V Output: Iout5 = 3A;
12V Output: Iout12 = 50mA;
Switching frequency: fSW = 300kHz.
Figure 7. L5994 Evaluation kit
18
L5994
20
19
28
27
26
25
24
3
2
VIN
1
29
6
5
13
7
22
4
32
14
11
16
31
21
30
15
VOUT3
LIN
VOUT1
VOUT2
8
9
17
12
C21
C23
C24
C22
PWROK2
R7
C19
C13
C14
C15
R3
R4
L2
D2
Q4
Q3
C17
C4
C8
D4
C27
C18
R5
C9
C10
C11
R1
R2
L1
D1
Q2
C1
C7
Q1
D3
C16
C2
R6
R8
23
C6
C3
+5VIN
10
R34
R16
R9
R33
GND
GND
GND
D98IN866B
H1STRAP
H1GATE
H1SRC
PREG5
R1GATE
I1SNS
V1SNS
V5SW
COMP1
H2STRAP
H2GATE
H2SRC
R2GATE
PGND
I2SNS
VDRLIN
V2SNS
COMP2
PWROK2
VFBLIN
SOFT1
SOFT2
CRST
VREF
SREG5
VIN
SGND
G1
G2
GND
R19
R20
NOSKIP
R13
R12
R11
R10
R14
S2S1S3
S4
C20
R15
PWROK1
OSC
RUN2
NOSKIP
RUN1
R25
R26
PWROK1
C30
C31
R28
R21
R22
R23
R24
C26
Vin2
D6
R17
C28
Vin2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com