Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5994 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 18Page - STMicroelectronics L5994_02 Datasheet HTML 19Page - STMicroelectronics L5994_02 Datasheet HTML 20Page - STMicroelectronics L5994_02 Datasheet HTML 21Page - STMicroelectronics L5994_02 Datasheet HTML 22Page - STMicroelectronics L5994_02 Datasheet HTML 23Page - STMicroelectronics L5994_02 Datasheet HTML 24Page - STMicroelectronics L5994_02 Datasheet HTML 25Page - STMicroelectronics L5994_02 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
L5994 - L5994A
22/26
Component list
Table shows the complete L5994/ L5994A Evaluation Kit parts list. Critical components characteristics are given in detail.
Resistors
R1,R2,R3,R4
0.02
1W - 1% DALE WSL-2512
SMD - 2512
R5
5.6k
0.1W - 1%
SMD - 0603
R6
3.3k
0.1W - 1%
SMD - 0603
R7,R8
3.9k
0.1W - 1%
SMD - 0603
R9,R15
47k
0.1W
SMD - 0603
R10,R11,R12,R13,R14
1M
0.1W
SMD - 0603
R16
4.7
1/4W
SMD - 1206
R17,R18,R19,R20
N.C.
0.1W
SMD - 0603
R21,R22,R23,R24
2
1/4W
SMD - 0603
R25
8.2K
1/4W
SMD - 0603
R26
2.2K
1/4W
SMD – 0603
R27
0
1/4W
SMD – 0603
R28
1K
1/4W
SMD - 0603
R33,R34
4.7
1/4W
SMD - 1206
Capacitors
C1,C4
47
µ
SANYO - OS-CON 25V -
25SC47M
Radial 10 - 5
C2,C6
1
µ
Ceramic 25V
SMD - 1206
C3,C7,C8,C20
1
µ
Ceramic
SMD - 1206
C9,C15
N.C.
TANTD
C10,C11,C13,C14
330
µ
KEMET 10V - T510
TANTD
C16,C17,C23
100n
Ceramic
SMD - 0603
C18,C19
22n
Ceramic
SMD - 0603
C21,C27
4.7
µ
Tantalium 16V
SMD - 3528
C22,C24
100n
Ceramic
SMD - 0603
C25
N.C.
Radial 8 - 2.5
C26 (L5994A only)
15
µ
SANYO - OS-CON 25V -
25SC15M
Radial 8 - 2.5
C28,C29
N.C.
Ceramic
SMD - 0603
C30,C31
47n
Ceramic
SMD - 0603
Magnetics
T1
10
µ
Transpower Technologies
TTI5870
(only for L5994A)
L1
10
µ
SUMIDA CDR125-100 (only for
L5994)
L2
10
µ
SUMIDA CDR125-100
Transistors Q1,Q2
SI4410
SO8
Q3,Q4
SI4410
SO8
Q5
BC807
SOT23
Diodes
D1,D2
STPS340S
SMC
D3,D4
BAR18
SOT23
D5
N.C.
SMA
D6 (L5994A only)
STPR120A
SMA
IC
U1
L5994/
L5994A
TQFP32
Jumper
G1
SHORTED
G2,G3,G4
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com