Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C160 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M27C160
Description  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M27C160 Datasheet HTML 10Page - STMicroelectronics M27C160 Datasheet HTML 11Page - STMicroelectronics M27C160 Datasheet HTML 12Page - STMicroelectronics M27C160 Datasheet HTML 13Page - STMicroelectronics M27C160 Datasheet HTML 14Page - STMicroelectronics M27C160 Datasheet HTML 15Page - STMicroelectronics M27C160 Datasheet HTML 16Page - STMicroelectronics M27C160 Datasheet HTML 17Page - STMicroelectronics M27C160 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DC and AC characteristics
M27C160
14/26
TA = 25 °C, f = 1 MHz
Figure 6.
AC Testing Input Output Waveform
Figure 7.
AC Testing Load Circuit
Table 7.
Capacitance (1)
1.
Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (except BYTEVPP)VIN = 0V
10
pF
Input Capacitance (BYTEVPP)VIN = 0V
120
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Table 8.
AC Measurement Conditions
Parameter
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com