Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C160 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M27C160
Description  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M27C160 Datasheet HTML 18Page - STMicroelectronics M27C160 Datasheet HTML 19Page - STMicroelectronics M27C160 Datasheet HTML 20Page - STMicroelectronics M27C160 Datasheet HTML 21Page - STMicroelectronics M27C160 Datasheet HTML 22Page - STMicroelectronics M27C160 Datasheet HTML 23Page - STMicroelectronics M27C160 Datasheet HTML 24Page - STMicroelectronics M27C160 Datasheet HTML 25Page - STMicroelectronics M27C160 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
M27C160
22/26
5.4
44-lead Square Plastic Leaded Chip Carrier (PLCC44)
Figure 15.
PLCC44 package outline
Table 15.
PLCC44 package mechanical data
Symbol
millimeters
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.200
4.570
0.1654
0.1799
A1
2.290
3.040
0.0902
0.1197
A2
3.650
3.700
0.1437
0.1457
B
0.331
0.533
0.0130
0.0210
B1
0.661
0.812
0.0260
0.0320
CP
0.101
0.0040
c
0.510
0.0201
D
17.400
17.650
0.6850
0.6949
D1
16.510
16.662
0.6500
0.6560
D2
14.990
16.000
0.5902
0.6299
D3
12.700
0.5000
E
17.400
17.650
0.6850
0.6949
E1
16.510
16.660
0.6500
0.6559
E2
14.990
16.000
0.5902
0.6299
E3
12.700
0.5000
e
1.270
0.0500
N44
44
PLCC-B
D
E3
E1 E
1 N
D1
D3
CP
B
E2
e
B1
A1
A
c
D2
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com