Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C160 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M27C160
Description  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M27C160 Datasheet HTML 15Page - STMicroelectronics M27C160 Datasheet HTML 16Page - STMicroelectronics M27C160 Datasheet HTML 17Page - STMicroelectronics M27C160 Datasheet HTML 18Page - STMicroelectronics M27C160 Datasheet HTML 19Page - STMicroelectronics M27C160 Datasheet HTML 20Page - STMicroelectronics M27C160 Datasheet HTML 21Page - STMicroelectronics M27C160 Datasheet HTML 22Page - STMicroelectronics M27C160 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
M27C160
Package mechanical data
19/26
5
Package mechanical data
5.1
42-pin Ceramic Frit-seal DIP with window (FDIP42WB)
Figure 12.
FDIP42WB package outline
Table 12.
FDIP42WB package mechanical data
Symbol
millimeters
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.71
0.225
A1
0.50
1.78
0.020
0.070
A2
3.90
5.08
0.154
0.200
B
0.40
0.55
0.016
0.022
B1
1.27
1.52
0.050
0.060
C
0.22
0.31
0.009
0.012
D
54.81
2.158
D2
50.80
2.000
E
15.24
0.600
E1
14.50
14.90
0.571
0.587
e
2.29
2.79
0.090
0.110
eA
15.40
15.80
0.606
0.622
eB
16.17
18.32
0.637
0.721
K
9.32
9.47
0.367
0.373
K1
11.30
11.55
0.445
0.455
L
3.18
4.10
0.125
0.161
S
1.52
2.49
0.060
0.098
α
4°
15°
4°
15°
N42
42
FDIPW-C
A2
A1
A
L
B1
B
e
D
S
E1
E
N
1
C
eA
D2
K
K1
α
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com