Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C160 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M27C160
Description  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M27C160 Datasheet HTML 16Page - STMicroelectronics M27C160 Datasheet HTML 17Page - STMicroelectronics M27C160 Datasheet HTML 18Page - STMicroelectronics M27C160 Datasheet HTML 19Page - STMicroelectronics M27C160 Datasheet HTML 20Page - STMicroelectronics M27C160 Datasheet HTML 21Page - STMicroelectronics M27C160 Datasheet HTML 22Page - STMicroelectronics M27C160 Datasheet HTML 23Page - STMicroelectronics M27C160 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package mechanical data
M27C160
20/26
5.2
42-pin Plastic DIP, 600 mils width (PDIP42)
Figure 13.
PDIP42 package outline
Table 13.
PDIP42 package mechanical data
Symbol
millimeters
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.08
0.200
A1
0.25
0.010
A2
3.56
4.06
0.140
0.160
B
0.38
0.53
0.015
0.021
B1
1.27
1.65
0.050
0.065
C
0.20
0.36
0.008
0.014
D
52.20
52.71
2.055
2.075
D2
50.80
2.000
E
15.24
0.600
E1
13.59
13.84
0.535
0.545
e1
2.54
0.100
eA
14.99
0.590
eB
15.24
17.78
0.600
0.700
L
3.18
3.43
0.125
0.135
S
0.86
1.37
0.034
0.054
α
0°
10°
0°
10°
N42
42
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
eB
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com