Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6712D
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712D Datasheet(HTML) 1 Page - STMicroelectronics

  L6712D Datasheet HTML 1Page - STMicroelectronics L6712D Datasheet HTML 2Page - STMicroelectronics L6712D Datasheet HTML 3Page - STMicroelectronics L6712D Datasheet HTML 4Page - STMicroelectronics L6712D Datasheet HTML 5Page - STMicroelectronics L6712D Datasheet HTML 6Page - STMicroelectronics L6712D Datasheet HTML 7Page - STMicroelectronics L6712D Datasheet HTML 8Page - STMicroelectronics L6712D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
L6712
L6712A
June 2005
1
Features
■ 2 PHASE OPERATION WITH
SYNCHRONOUS RECTIFIER CONTROL
■ ULTRA FAST LOAD TRANSIENT RESPONSE
■ INTEGRATED HIGH CURRENT GATE
DRIVERS: UP TO 2A GATE CURRENT
■ 3 BIT PROGRAMMABLE OUTPUT FROM
0.900V TO 3.300V OR WITH EXTERNAL REF.
■ ±0.9% OUTPUT VOLTAGE ACCURACY
■ 3mA CAPABLE AVAILABLE REFERENCE
■ INTEGRATED PROGRAMMABLE REMOTE
SENSE AMPLIFIER
■ PROGRAMMABLE DROOP EFFECT
■ 10% ACTIVE CURRENT SHARING
ACCURACY
■ DIGITAL 2048 STEP SOFT-START
■ CROWBAR LATCHED OVERVOLTAGE PROT.
■ NON-LATCHED UNDERVOLTAGE PROT.
■ OVERCURRENT PROTECTION REALIZED
USING THE LOWER MOSFET'S RdsON OR A
SENSE RESISTOR
■ OSCILLATOR EXTERNALLY ADJUSTABLE
AND INTERNALLY FIXED AT 150kHZ
■ POWER GOOD OUTPUT AND INHIBIT
FUNCTION
■ PACKAGES: SO-28 & VFQFPN-36
1.1 Applications
■ HIGH CURRENT DC/DC CONVERTERS
■ DISTRIBUTED POWER SUPPLY
2
Description
The device implements a dual-phase step-down con-
troller with a 180 phase-shift between each phase
optimized for high current DC/DC applications.
Output voltage can be programmed through the in-
tegrated DAC from 0.900V to 3.300V; program-
ming the "111" code, an external reference from
0.800V to 3.300V is used for the regulation.
Programmable Remote Sense Amplifier avoids
use of external resistor divider and recovers loss-
es along distribution line.
The device assures a fast protection against load
over current and Over / Under voltage.An internal
crowbar is provided turning on the low side mosfet
if Over-voltage is detected.
Output current is limited working in Constant Cur-
rent mode: when Under Voltage is detected, the
device resets, restarting operation.
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Figure 1. Packages
Table 1. Order Codes
Package
Tube
Tape & Reel
SO
L6712D,
L6712AD
L6712DTR,
L6712ADTR
VFQFPN
L6712Q,
L6712AQ
L6712QTR,
L6712AQTR
SO28
VFQFPN-36 (6x6x1.0mm)
Rev. 3


Similar Part No. - L6712D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6712D STMICROELECTRONICS-L6712D Datasheet
1Mb / 27P
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Mar-2004
L6712DTR STMICROELECTRONICS-L6712DTR Datasheet
1Mb / 27P
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Mar-2004
More results

Similar Description - L6712D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Mar-2004
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
Two-Phase Interleaved CCM PFC Controller
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Texas Instruments
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com