Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6712D
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712D Datasheet(HTML) 2 Page - STMicroelectronics

  L6712D Datasheet HTML 1Page - STMicroelectronics L6712D Datasheet HTML 2Page - STMicroelectronics L6712D Datasheet HTML 3Page - STMicroelectronics L6712D Datasheet HTML 4Page - STMicroelectronics L6712D Datasheet HTML 5Page - STMicroelectronics L6712D Datasheet HTML 6Page - STMicroelectronics L6712D Datasheet HTML 7Page - STMicroelectronics L6712D Datasheet HTML 8Page - STMicroelectronics L6712D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
L6712A L6712
2/29
Figure 2. Block Diagram
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Symbol
Parameter
Value
Unit
VCC, VCCDR
To PGND
15
V
VBOOT-VPHASE
Boot Voltage
15
V
VUGATE1-VPHASE1
VUGATE2-VPHASE2
15
V
LGATE1, PHASE1, LGATE2, PHASE2 to PGND
-0.3 to Vcc+0.3
V
VID0 to VID2
-0.3 to 5
V
All other pins to PGND
-0.3 to 7
V
VPHASEx
Sustainable Peak Voltage. T<20ns @ 600kHz
26
V
UGATEX Pins
Maximum Withstanding Voltage Range
Test Condition: CDF-AEC-Q100-002”Human Body Model”
Acceptance Criteria: “Normal Performance”
±1500
V
OTHER PINS
±2000
V
Symbol
Parameter
SO28
VFQFPN36
Unit
Rthj-amb
Thermal Resistance Junction to Ambient
4 layer PCB (2s2p)
60
30
°C/W
Tmax
Maximum junction temperature
150
150
°C
Tstg
Storage temperature range
-40 to 150
-40 to 150
°C
Tj
Junction Temperature Range
-40 to 125
-40 to 125
°C
PMAX
Max power dissipation at Tamb = 25°C
23.5
W
CURRENT
READING
TOTAL
CURRENT
CH1
OCP
DAC
CH1 OCP
PWM1
ERROR
AMPLIFIER
REMOTE
AMPLIFIER
LS
LS
HS
Vcc
HS
BOOT1
UGATE1
PHASE1
LGATE1
ISEN1
PGNDS1
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
Vcc
COMP
FB
VSEN
FBG
FBR
VID0
VID1
VID2
OSC / INH
SGND
VCCDR
VCCDR
VCC
LOGIC AND
PROTECTIONS
PWM2
CH2
OCP
CURRENT
READING
REF_IN/OUT
PGOOD
DROOP
BAND-GAP
REFERENCE
DIGITAL
SOFT-START
CH2 OCP
V
PROG
CURRENT
READING
TOTAL
CURRENT
CH1
OCP
DAC
CH1 OCP
PWM1
ERROR
AMPLIFIER
REMOTE
AMPLIFIER
LS
LS
HS
Vcc
HS
BOOT1
UGATE1
PHASE1
LGATE1
ISEN1
PGNDS1
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
Vcc
COMP
FB
VSEN
FBG
FBR
VID0
VID1
VID2
OSC / INH
SGND
VCCDR
VCCDR
VCC
LOGIC AND
PROTECTIONS
PWM2
CH2
OCP
CURRENT
READING
REF_IN/OUT
PGOOD
DROOP
BAND-GAP
REFERENCE
DIGITAL
SOFT-START
CH2 OCP
V
PROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com