Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6712D
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712D Datasheet(HTML) 3 Page - STMicroelectronics

  L6712D Datasheet HTML 1Page - STMicroelectronics L6712D Datasheet HTML 2Page - STMicroelectronics L6712D Datasheet HTML 3Page - STMicroelectronics L6712D Datasheet HTML 4Page - STMicroelectronics L6712D Datasheet HTML 5Page - STMicroelectronics L6712D Datasheet HTML 6Page - STMicroelectronics L6712D Datasheet HTML 7Page - STMicroelectronics L6712D Datasheet HTML 8Page - STMicroelectronics L6712D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/29
L6712A L6712
Figure 3. Pin Connection (Top view)
Table 4. Electrical Characteristcs
(VCC = 12V±10%, TJ = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vcc SUPPLY CURRENT
ICC
VCC supply current
HGATEx and LGATEx open
VCCDR=BOOTx=12V
7.5
10
12.5
mA
ICCDR
VCCDR supply current
LGATEx open; VCCDR=12V
1.5
3
4
mA
IBOOTx
Boot supply current
HGATEx open; PHASEx to
PGND; VCC=BOOTx=12V
0.5
1
1.5
mA
POWER-ON
Turn-On VCC threshold
VCC Rising; VCCDR=5V
8.2
9.2
10.2
V
Turn-Off VCC threshold
VCC Falling; VCCDR=5V
6.5
7.5
8.5
V
Turn-On VCCDR
Threshold
VCCDR Rising
VCC=12V
4.2
4.4
4.6
V
Turn-Off VCCDR
Threshold
VCCDR Falling
VCC=12V
4.0
4.2
4.4
V
OSCILLATOR AND INHIBIT
fOSC
Initial Accuracy
OSC = OPEN
OSC = OPEN; Tj=0
°C to 125°C
135
127
150
165
178
kHz
kHz
INH
Inhibit threshold
ISINK=5mA
0.5
V
dMAX
Maximum duty cycle
L6712, OSC = OPEN: IDROOP=0
OSC = OPEN; IDROOP=70µA
72
30
80
40
-
-
%
%
L6712A, OSC = OPEN
85
90
%
∆Vosc
Ramp Amplitude
3
V
FAULT
Voltage at pin OSC
OVP Active
4.75
5.0
5.25
V
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
N.C.
REF_IN/OUT
VSEN
ISEN1
PGNDS1
PGNDS2
ISEN2
N.C.
OSC
UGATE1
PHASE1
VCCDR
LGATE1
PGND
PGND
LGATE2
PHASE2
UGATE2
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
N.C.
REF_IN/OUT
VSEN
ISEN1
PGNDS1
PGNDS2
ISEN2
N.C.
OSC
PHASE1
VCCDR
LGATE1
PGND
PGND
LGATE2
PHASE2
SO28
VFQFPN-36
Corner Pin internally connected to the Exposed Pad.
LGATE1
VCCDR
PHASE1
FB
BOOT1
UGATE1
DROOP
VCC
SGND
COMP
ISEN1
PGNDS1
REF_IN/OUT
VSEN
VID1
VID0
FBR
VID2
BOOT2
PGOOD
UGATE2
PHASE2
LGATE2
PGND
OSC/INH/FAULT
ISEN2
PGNDS2
FBG
1
3
2
4
5
6
7
8
9
18
17
16
15
19
20
10
11
12
13
14
24
23
22
21
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com