Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6712D
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6712D Datasheet HTML 6Page - STMicroelectronics L6712D Datasheet HTML 7Page - STMicroelectronics L6712D Datasheet HTML 8Page - STMicroelectronics L6712D Datasheet HTML 9Page - STMicroelectronics L6712D Datasheet HTML 10Page - STMicroelectronics L6712D Datasheet HTML 11Page - STMicroelectronics L6712D Datasheet HTML 12Page - STMicroelectronics L6712D Datasheet HTML 13Page - STMicroelectronics L6712D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
L6712A L6712
10/29
Figure 6. Reference Management
The output regulated voltage accuracy can be extracted from the following relationships (worst case con-
dition):
(worst case with internal reference)
(worst case with external reference)
where VOS_RA and VOS_EA are the offsets related to the Error Amplifier and the Remote Amplifier respec-
tively and KOS = 1+1/RA_Gain reflects the impact of the Remote Amplifier Gain (RA_Gain) on the regula-
tion (see relevant section).
A statistical analysis could consider applying the root-sum-square (RSS) method to calculate the precision
since all the variables are statistically independent as follow:
(with internal reference)
(with external reference)
BAND-GAP
REFERENCE
(1.235V)
DAC
VID3
VID2
VID1
REF_IN/OUT
CONTROL
LOGIC
VIDx
DIGITAL
SOFT-START
VPROG
ERROR
AMPLIFIER
FB
COMP
INTERNAL REFERENCE
EXTERNAL REFERENCE
V
OUT_TOT_ACC %
[]
V
OUT_ACC %
[] K
OS
V
OS_RA
V
OUT
-------------------- 100
⋅⋅
+
0.9%
±
() K
OS
8mV
±
()
V
OUT
--------------------- 100
⋅⋅
+
==
V
OUT_TOT_ACC %
[] EXT_REF_Accuracy[%]
V
PROG
REF_IN/OUT
------------------------------------- [%]
V
OS_EA
EXT_REF
--------------------------- 100
⋅
⎝⎠
⎛⎞
K
OS
V
OS_RA
V
OUT
-------------------- 100=
⋅⋅
++
+
=
EXT_REF_Accuracy[%]
2.0%
±
()
5mV
±
()
EXT_REF
--------------------------- 100
⋅
⎝⎠
⎛⎞
K
OS
8mV
±
()
V
out
--------------------- 100
⋅⋅
++
+
=
V
OUT_TOT_ACC [%]
V
OUT_ACC [%]
()
2
K
OS
V
OS_RA
V
OUT
-------------------- 100
⋅⋅
⎝⎠
⎛⎞
+
2
=
V
OUT_TOT_ACC [%] =
EXT_REF_Accuracy[%]
()
2
+
V
PROG
REF_IN/OUT
------------------------------------- [%]
⎝⎠
⎛⎞
2
+
V
OS_EA
EXT_REF
--------------------------- 100
⋅
⎝⎠
⎛⎞
2
+K
OS
V
OS_RA
V
OUT
-------------------- 100
⋅⋅
⎝⎠
⎛⎞
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com