Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V322 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M27V322
Description  32 Mbit (2Mb ×16) low-voltage UV EPROM and OTP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V322 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27V322 Datasheet HTML 5Page - STMicroelectronics M27V322 Datasheet HTML 6Page - STMicroelectronics M27V322 Datasheet HTML 7Page - STMicroelectronics M27V322 Datasheet HTML 8Page - STMicroelectronics M27V322 Datasheet HTML 9Page - STMicroelectronics M27V322 Datasheet HTML 10Page - STMicroelectronics M27V322 Datasheet HTML 11Page - STMicroelectronics M27V322 Datasheet HTML 12Page - STMicroelectronics M27V322 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
M27V322
Device operation
9/23
Figure 3.
Programming flowchart
2.7
Program Inhibit
Programming of multiple M27V322s in parallel with different data is also easily
accomplished. Except for E, all like inputs including GVPP of the parallel M27V322 may be
common. A TTL low level pulse applied to a M27V322's E input and VPP at 12V, will program
that M27V322. A high level E input inhibits the other M27V322s from being programmed.
2.8
Program Verify
A verify (read) should be performed on the programmed bits to determine that they were
correctly programmed. The verify is accomplished with GVPP at VIL. Data should be verified
with tELQV after the falling edge of E.
2.9
On-Board programming
The M27V322 can be directly programmed in the application circuit. See the relevant
Application Note AN620.
AI03059B
n = 0
Last
Addr
VERIFY
E = 50
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12V
FAIL
CHECK ALL WORDS
1st: VCC = 5V
2nd: VCC = 3V
YES
NO
YES
NO
YES
NO
SET MARGIN MODE
RESET MARGIN MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com