Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V322 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M27V322
Description  32 Mbit (2Mb ×16) low-voltage UV EPROM and OTP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V322 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M27V322 Datasheet HTML 15Page - STMicroelectronics M27V322 Datasheet HTML 16Page - STMicroelectronics M27V322 Datasheet HTML 17Page - STMicroelectronics M27V322 Datasheet HTML 18Page - STMicroelectronics M27V322 Datasheet HTML 19Page - STMicroelectronics M27V322 Datasheet HTML 20Page - STMicroelectronics M27V322 Datasheet HTML 21Page - STMicroelectronics M27V322 Datasheet HTML 22Page - STMicroelectronics M27V322 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
M27V322
Package mechanical
19/23
Figure 10.
PDIP42 - 42 pin Plastic DIP, 600 mils width, package outline
1.
Drawing is not to scale.
Table 13.
PDIP42 - 42 pin Plastic DIP, 600 mils width, package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
–
5.08
–
0.200
A1
0.25
–
0.010
–
A2
3.56
4.06
0.140
0.160
B
0.38
0.53
0.015
0.021
B1
1.27
1.65
0.050
0.065
C
0.20
0.36
0.008
0.014
D
52.20
52.71
2.055
2.075
D2
50.80
–
–
2.000
–
–
E
15.24
–
–
0.600
–
–
E1
13.59
13.84
0.535
0.545
e1
2.54
–
–
0.100
–
–
eA
14.99
–
–
0.590
–
–
eB
15.24
17.78
0.600
0.700
L
3.18
3.43
0.125
0.135
S
0.86
1.37
0.034
0.054
α
0°
10°
0°
10°
N42
42
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
eB
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com