Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V322 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M27V322
Description  32 Mbit (2Mb ×16) low-voltage UV EPROM and OTP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V322 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M27V322 Datasheet HTML 10Page - STMicroelectronics M27V322 Datasheet HTML 11Page - STMicroelectronics M27V322 Datasheet HTML 12Page - STMicroelectronics M27V322 Datasheet HTML 13Page - STMicroelectronics M27V322 Datasheet HTML 14Page - STMicroelectronics M27V322 Datasheet HTML 15Page - STMicroelectronics M27V322 Datasheet HTML 16Page - STMicroelectronics M27V322 Datasheet HTML 17Page - STMicroelectronics M27V322 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
DC and AC parameters
M27V322
14/23
Table 7.
Read mode DC characteristics(1) (2)
1.
TA = –40 to 85 °C or 0 to 70 °C; VCC = 3.3V ± 10%; VPP = VCC
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤V
IN ≤VCC
±1
µA
ILO
Output Leakage Current
0V
≤V
OUT ≤VCC
±10
µA
ICC
Supply Current
E = VIL, GVPP = VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby)
TTL
E = VIH
1mA
ICC2
Supply Current (Standby)
CMOS
E > VCC – 0.2V
60
µA
IPP
Program Current
VPP = VCC
10
µA
VIL
Input Low Voltage
–0.6
0.2VCC
V
VIH
(3)
3.
Maximum DC voltage on Output is VCC +0.5V.
Input High Voltage
0.7VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
Table 8.
Programming mode DC characteristics(1) (2)
1.
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12V ± 0.25V
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
VIL ≤VIN ≤VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.4
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –2.5mA
3.5
V
VID
A9 Voltage
11.5
12.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com