Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V322 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M27V322
Description  32 Mbit (2Mb ×16) low-voltage UV EPROM and OTP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V322 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M27V322 Datasheet HTML 15Page - STMicroelectronics M27V322 Datasheet HTML 16Page - STMicroelectronics M27V322 Datasheet HTML 17Page - STMicroelectronics M27V322 Datasheet HTML 18Page - STMicroelectronics M27V322 Datasheet HTML 19Page - STMicroelectronics M27V322 Datasheet HTML 20Page - STMicroelectronics M27V322 Datasheet HTML 21Page - STMicroelectronics M27V322 Datasheet HTML 22Page - STMicroelectronics M27V322 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package mechanical
M27V322
20/23
Figure 11.
SDIP42 - 42 pin Shrink Plastic DIP, 600 mils width, package outline
1.
Drawing is not to scale.
Table 14.
SDIP42 - 42 lead Shrink Plastic DIP, 600 mils width, package mechanical
data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A5.08
0.200
A1
0.51
0.020
A2
3.81
3.05
4.57
0.150
0.120
0.180
b
0.46
0.38
0.56
0.018
0.015
0.022
b2
1.02
0.89
1.14
0.040
0.035
0.045
c
0.25
0.23
0.38
0.010
0.009
0.015
D
36.83
36.58
37.08
1.450
1.440
1.460
D2
35.60–
–1.402
–
–
e1.78–
–
0.070
–
–
E
15.24
16.00
0.600
0.630
E1
13.72
12.70
14.48
0.540
0.500
0.570
eA
15.24
0.600
eB
18.54
0.730
L
3.30
2.54
3.56
0.130
0.100
0.140
S0.64
0.025
N42
42
SDIP
A2
A1
A
L
b2
b
e
D
S
E1
E
N
1
c
eA
eB
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com