Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6732_08 Datasheet HTML 8Page - STMicroelectronics L6732_08 Datasheet HTML 9Page - STMicroelectronics L6732_08 Datasheet HTML 10Page - STMicroelectronics L6732_08 Datasheet HTML 11Page - STMicroelectronics L6732_08 Datasheet HTML 12Page - STMicroelectronics L6732_08 Datasheet HTML 13Page - STMicroelectronics L6732_08 Datasheet HTML 14Page - STMicroelectronics L6732_08 Datasheet HTML 15Page - STMicroelectronics L6732_08 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Device description
L6732
12/37
5.3
Bypassing the LDO to avoid the voltage drop with low Vcc
If VCC ≈ 5 V the internal LDO works in dropout with an output resistance of about 1 Ω. The
maximum LDO output current is about 100 mA and so the output voltage drop is 100 mV, to
avoid this the LDO can be by passed.
5.4
Internal and external references
It is possible to set the internal/external reference and the switching frequency by setting the
proper voltage at the EAREF pin. The maximum value of the external reference depends on
the VCC: with VCC = 4 V the clamp operates at about 2 V (typ.), while with VCC greater than
5V the maximum external reference is 2.5 V (typ.).
●
VEAREF from 0 % to 80 % of VCCDR -> External reference/Fsw = 250 kHz
●
VEAREF from 80 % to 95 % of VCCDR -> VREF = 0.6V/Fsw = 500 kHz
●
VEAREF from 95 % to 100 % of VCCDR -> VREF = 0.6V/Fsw = 250 kHz
Providing an external reference from 0 V to 450 mV the output voltage will be regulated but
some restrictions must be considered:
●
OV threshold saturates to a minimum value of 300 mV (OV is tracking the
reference; tracking small references will result in a narrow threshold reducing
noise immunity)
●
The under-voltage-protection doesn't work;
●
The PGOOD signal remains low;
To set the resistor divider it must be considered that a 100 k pull-down resistor is integrated
into the device (see Figure 5.). Finally it must be taken into account that the voltage at the
EAREF pin is captured by the device at the start-up when VCC is about 4 V.
Figure 4.
Bypassing the LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com