Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6732_08 Datasheet HTML 15Page - STMicroelectronics L6732_08 Datasheet HTML 16Page - STMicroelectronics L6732_08 Datasheet HTML 17Page - STMicroelectronics L6732_08 Datasheet HTML 18Page - STMicroelectronics L6732_08 Datasheet HTML 19Page - STMicroelectronics L6732_08 Datasheet HTML 20Page - STMicroelectronics L6732_08 Datasheet HTML 21Page - STMicroelectronics L6732_08 Datasheet HTML 22Page - STMicroelectronics L6732_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
L6732
Device description
19/37
other one will be the slave. The Slave controller will increase its switching frequency
reducing the ramp amplitude proportionally and then the modulator gain will be increased.
To avoid a huge variation of the modulator gain, the best way to synchronize two or more
devices is to make them work at the same switching frequency and, in any case, the
switching frequencies can differ for a maximum of 50 % of the lowest one. If, during
synchronization between two (or more) L6732, it's important to know in advance which the
master is, it's timely to set its switching frequency at least 15 % higher than the slave. Using
an external clock signal (fEXT) to synchronize one or more devices that are working at a
different switching frequency (fSW) it is recommended to follow the below formula:
Equation 5
The phase shift between master and slaves is approximately 180 °.
Figure 13.
Synchronization: PWM signal
Figure 14.
Synchronization: Inductor currents
SW
EXT
SW
f
f
f
⋅
≤
≤
3
,
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com