Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6732_08 Datasheet HTML 12Page - STMicroelectronics L6732_08 Datasheet HTML 13Page - STMicroelectronics L6732_08 Datasheet HTML 14Page - STMicroelectronics L6732_08 Datasheet HTML 15Page - STMicroelectronics L6732_08 Datasheet HTML 16Page - STMicroelectronics L6732_08 Datasheet HTML 17Page - STMicroelectronics L6732_08 Datasheet HTML 18Page - STMicroelectronics L6732_08 Datasheet HTML 19Page - STMicroelectronics L6732_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Device description
L6732
16/37
5.7
Driver section
The high-side and low-side drivers allow using different types of power MOSFETs (also
multiple MOSFETs to reduce the RDS(on) maintaining fast switching transitions.
The low-side driver is supplied by VCCDR while the high-side driver is supplied by the BOOT
pin. A predictive dead time control avoids MOSFETs cross-conduction maintaining very
short dead time duration in the range of 20 ns. The control monitors the phase node in order
to sense the low-side body diode recirculation. If the phase node voltage is less than a
certain threshold (-350 mV typ.) during the dead time, it will be reduced in the next PWM
cycle. The predictive dead time control doesn't work when the high-side body diode is
conducting because the phase node doesn't go negative. This situation happens when the
converter is sinking current for example and, in this case, an adaptive dead time control
operates.
5.8
Monitoring and protections
The output voltage is monitored by means of pin FB. If it is not within ±10 % (typ.) of the
programmed value, the Power good (PGOOD) output is forced low.
The device provides over-voltage-protection: when the voltage sensed on FB pin reaches a
value 20% (typ.) greater than the reference, the low-side driver is turned on as long as the
over voltage is detected (see Figure 10.).
It must be taken into account that there is an electrical network between the output terminal
and the FB pin and therefore the voltage at the pin is not a perfect replica of the output
voltage. However due to the fact that the converter can sink current, in the most of cases the
low-side will turn-on before the output voltage exceeds the over-voltage threshold, because
the error amplifier will throw off balance in advance. Even if the device doesn't report an
over-voltage, the behavior is the same, because the low-side is turned-on immediately. The
following figure shows the device behavior during an over-voltage event. The output voltage
Figure 10.
OVP
LGate
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com