Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6732_08 Datasheet HTML 18Page - STMicroelectronics L6732_08 Datasheet HTML 19Page - STMicroelectronics L6732_08 Datasheet HTML 20Page - STMicroelectronics L6732_08 Datasheet HTML 21Page - STMicroelectronics L6732_08 Datasheet HTML 22Page - STMicroelectronics L6732_08 Datasheet HTML 23Page - STMicroelectronics L6732_08 Datasheet HTML 24Page - STMicroelectronics L6732_08 Datasheet HTML 25Page - STMicroelectronics L6732_08 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Application details
L6732
22/37
6
Application details
6.1
Inductor design
The inductance value is defined by a compromise between the transient response time, the
efficiency, the cost and the size. The inductor has to be calculated to sustain the output and
the input voltage variation to maintain the ripple current (
∆I
L) between 20 % and 30 % of the
maximum output current. The inductance value can be calculated with the following
relationship:
Equation 6
Where FSW is the switching frequency, VIN is the input voltage and VOUT is the output
voltage. Figure 17. shows the ripple current vs. the output voltage for different values of the
inductor, with VIN = 5 V and VIN = 12 V at a switching frequency of 500 kHz.
Increasing the value of the inductance reduces the ripple current but, at the same time,
increases the converter response time to a load transient. If the compensation network is
well designed, during a load transient the device is able to set the duty cycle to 100 % or to
0 %. When one of these conditions is reached, the response time is limited by the time
required to change the inductor current. During this time the output current is supplied by
the output capacitors. Minimizing the response time can minimize the output capacitor size.
Figure 17.
Inductor current ripple
Vin
Vout
I
Fsw
Vout
Vin
L
L
⋅
∆
⋅
−
≅
0
1
2
3
4
5
6
7
8
01
2
3
4
OUT P UT V O LT AG E (V )
Vin=5V, L=500nH
Vin=5V, L=1.5uH
Vin=12V, L=2uH
Vin=12V, L=1uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com