Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7374 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7374
Description  Dual bridge audio amplifier for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7374 Datasheet HTML 2Page - STMicroelectronics TDA7374 Datasheet HTML 3Page - STMicroelectronics TDA7374 Datasheet HTML 4Page - STMicroelectronics TDA7374 Datasheet HTML 5Page - STMicroelectronics TDA7374 Datasheet HTML 6Page - STMicroelectronics TDA7374 Datasheet HTML 7Page - STMicroelectronics TDA7374 Datasheet HTML 8Page - STMicroelectronics TDA7374 Datasheet HTML 9Page - STMicroelectronics TDA7374 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical specifications
TDA7374
6/19
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
28
V
VOP
Operating supply voltage
18
V
VPEAK
Peak supply voltage (t = 50 ms)
50
V
IO
Output peak current (not rep. t = 100 µs)
4.5
A
IO
Output peak current (rep. f > 10 Hz)
3.5
A
Ptot
Power dissipation (Tcase = 85 °C)
36
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction to case
max.
1.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com