Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7374 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7374
Description  Dual bridge audio amplifier for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7374 Datasheet HTML 8Page - STMicroelectronics TDA7374 Datasheet HTML 9Page - STMicroelectronics TDA7374 Datasheet HTML 10Page - STMicroelectronics TDA7374 Datasheet HTML 11Page - STMicroelectronics TDA7374 Datasheet HTML 12Page - STMicroelectronics TDA7374 Datasheet HTML 13Page - STMicroelectronics TDA7374 Datasheet HTML 14Page - STMicroelectronics TDA7374 Datasheet HTML 15Page - STMicroelectronics TDA7374 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Output stage
TDA7374
12/19
3.3
Other outstanding characteristics
3.3.1
Clipping detector output
The TDA7374 is equipped with an internal circuit able to detect the output stage saturation
providing a proper current sinking into a open collector output (pin 10) when a certain
distortion level is reached at each output.
This particular function allows gain compression facility whenever the amplifier is
overdriven, thus obtaining high quality sound at all listening levels.
Figure 18.
Clipping detection waveforms
3.3.2
Offset control
The quiescent output voltage must be as close as possible to its nominal value, so that less
undistorted power would be available.
For this reason an input bias current compensation is implemented to riduce the voltage
drop across the input resistors, which appears amplified at the outputs.
3.3.3
Gain internally fixed to 26 dB
Advantages of this design choice are in terms of:
●
components and space saving
●
output noise, supply voltage rejection and distortion optimization.
3.3.4
Silent turn on/off and muting/stand-by function
The stand-by can be easily activated by means of a CMOS level applied to pin 7 through a
RC filter.
Under stand-by condition the device is turned off completely (supply current = 1 µA typ.;
output attenuation = 90 dB typ.). Every ON/OFF operation is virtually pop free.
Furthermore, at turn-on the device stays in muting condition for a time determined by the
value assigned to the SVR capacitor (T= Csvr * 7,000).
While in muting the device outputs becomes insensitive to any kinds of signal that may be
present at the input terminals. In other words every transient coming from previous stages
produces no unpleasant acoustic effect to the speakers. Another situation under which the
device is totally muted is whenever the supply voltage drops lower than 7V. This is helpful to
pop suppression during the turn-off by battery switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com