Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7374 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7374
Description  Dual bridge audio amplifier for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7374 Datasheet HTML 9Page - STMicroelectronics TDA7374 Datasheet HTML 10Page - STMicroelectronics TDA7374 Datasheet HTML 11Page - STMicroelectronics TDA7374 Datasheet HTML 12Page - STMicroelectronics TDA7374 Datasheet HTML 13Page - STMicroelectronics TDA7374 Datasheet HTML 14Page - STMicroelectronics TDA7374 Datasheet HTML 15Page - STMicroelectronics TDA7374 Datasheet HTML 16Page - STMicroelectronics TDA7374 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TDA7374
Output stage
13/19
3.4
Built-in protection systems
3.4.1
Full protection of device and loudspeakers against AC/DC short
circuits (to Gnd, to Vs, across the speakers)
Reliable and safe operation in presence of all kinds of short circuit involving the outputs is
assured by a built-in protection system that operates in the following way:
In case of overload, a SCR is activated as soon as the current flowing through the output
transistors overcomes a preset threshold value depending on the chip temperature. The
SCR causes an interruption of the supply current of the power transistor.
3.4.2
Load dump voltage surge
The TDA7374 has a circuit which enables it to withstand a voltage pulse train on pins 3 and
13, of the type shown in Figure 20. If the supply voltage peaks to more than 50V, then an LC
filter must be inserted between the supply and pins 3 and 13, in order to assure that the
pulses at pins 3 and 13 will be held within the limits shown.
A suggested LC network is shown in Figure 19. With this network, a train of pulses with
amplitude up to 120 V and width of 2ms can be applied at point A. This type of protection is
ON when the supply voltage (pulse or DC) exceeds 18 V. For this reason the maximum
operating supply voltage is 18 V.
Figure 19.
A suggested LC network
Figure 20.
Voltage pulse train on pins 3 and 13
3.4.3
Polarity inversion
High current (up to 10 A) can be handled by the device with no damage for a longer period
than the blow-out time of a quick 2 A fuse (normally connected in series with the supply).
This features is added to avoid destruction, if during fitting to the car, a mistake on the
connection of the supply is made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com