Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7374 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7374
Description  Dual bridge audio amplifier for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7374 Datasheet HTML 10Page - STMicroelectronics TDA7374 Datasheet HTML 11Page - STMicroelectronics TDA7374 Datasheet HTML 12Page - STMicroelectronics TDA7374 Datasheet HTML 13Page - STMicroelectronics TDA7374 Datasheet HTML 14Page - STMicroelectronics TDA7374 Datasheet HTML 15Page - STMicroelectronics TDA7374 Datasheet HTML 16Page - STMicroelectronics TDA7374 Datasheet HTML 17Page - STMicroelectronics TDA7374 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Output stage
TDA7374
14/19
3.4.4
Open ground
When the radio is in the ON condition and the ground is accidentally opened, a standard
audio amplifier will be damaged. On the TDA7374 protection diodes are included to avoid
any damage.
3.4.5
Inductive load
A protection diode is provided to allow use of the TDA7374 with inductive loads.
3.4.6
DC voltage
The maximum operating DC voltage for the TDA7374 is 18 V. However the device can
withstand a DC voltage up to 28 V with no damage. This could occur during winter if two
batteries are series connected to crank the engine.
3.4.7
Thermal shut-down
The presence of a thermal limiting circuit offers the following advantages:
1.
an overload on the output (even if it is permanent), or an excessive ambient
temperature can be easily withstood.
2.
the heatsink can have a smaller factor of safety compared with that of a conventional
circuit. There is no device damage in case of excessive junction temperature: all
happens is that Po (and therefore Ptot) and Id are reduced.
The maximum allowable power dissipation depends upon the size of the external heatsink
(i.e. its thermal resistance); Figure 21 shows the dissipable power as a function of ambient
temperature for different thermal resistance.
Figure 21.
Maximum allowable power dissipation vs. ambient temperature
3.4.8
Loudspeaker protection
The TDA7374 guarantees safe operations even for the loudspeaker in case of accidental
shortcircuit.
Whenever a single OUT to GND, OUT to VS short circuit occurs both the outputs are
switched OFF so limiting dangerous DC current flowing through the loudspeaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com