Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48Z2M1Y
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48Z2M1Y Datasheet HTML 7Page - STMicroelectronics M48Z2M1Y Datasheet HTML 8Page - STMicroelectronics M48Z2M1Y Datasheet HTML 9Page - STMicroelectronics M48Z2M1Y Datasheet HTML 10Page - STMicroelectronics M48Z2M1Y Datasheet HTML 11Page - STMicroelectronics M48Z2M1Y Datasheet HTML 12Page - STMicroelectronics M48Z2M1Y Datasheet HTML 13Page - STMicroelectronics M48Z2M1Y Datasheet HTML 14Page - STMicroelectronics M48Z2M1Y Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
M48Z2M1Y, M48Z2M1V
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 6. Operating and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 10. AC Testing Load Circuit
Parameter
M48Z2M1Y
M48Z2M1V
Unit
Supply Voltage (VCC)
4.5 to 5.5
3.0 to 3.6
V
Ambient Operating Temperature (TA)
0 to 70
0 to 70
°C
Load Capacitance (CL)
100
50
pF
Input Rise and Fall Times
≤ 5
≤ 5ns
Input Pulse Voltages
0 to 3
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
1.5
V
AI07816
5V
OUT
CL = 100pF or 5pF (Y)
50pF or 5pF (V)
CL includes JIG capacitance
1.9k
Ω
DEVICE
UNDER
TEST
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com