Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1Y Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48Z2M1Y
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1Y Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48Z2M1Y Datasheet HTML 9Page - STMicroelectronics M48Z2M1Y Datasheet HTML 10Page - STMicroelectronics M48Z2M1Y Datasheet HTML 11Page - STMicroelectronics M48Z2M1Y Datasheet HTML 12Page - STMicroelectronics M48Z2M1Y Datasheet HTML 13Page - STMicroelectronics M48Z2M1Y Datasheet HTML 14Page - STMicroelectronics M48Z2M1Y Datasheet HTML 15Page - STMicroelectronics M48Z2M1Y Datasheet HTML 16Page - STMicroelectronics M48Z2M1Y Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
M48Z2M1Y, M48Z2M1V
PART NUMBERING
Table 12. Ordering Information Scheme
Note: 1. Contact Sales Offices for availability of Extended Temperature.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
M48Z
2M1Y
–70
PL
1
Device Type
M48Z
Supply Voltage and Write Protect Voltage
2M1Y = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
2M1V = VCC = 3.0 to 3.6V; VPFD = 2.8 to 3.0V
Speed
–70 = 70ns (Y)
–85 = 85ns (V)
Package
PL = PLDIP36
Temperature Range
1 = 0 to 70°C
9(1) = Extended Temperature
Shipping Method
blank = Tubes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com