Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1Y Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48Z2M1Y
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1Y Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48Z2M1Y Datasheet HTML 9Page - STMicroelectronics M48Z2M1Y Datasheet HTML 10Page - STMicroelectronics M48Z2M1Y Datasheet HTML 11Page - STMicroelectronics M48Z2M1Y Datasheet HTML 12Page - STMicroelectronics M48Z2M1Y Datasheet HTML 13Page - STMicroelectronics M48Z2M1Y Datasheet HTML 14Page - STMicroelectronics M48Z2M1Y Datasheet HTML 15Page - STMicroelectronics M48Z2M1Y Datasheet HTML 16Page - STMicroelectronics M48Z2M1Y Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
M48Z2M1Y, M48Z2M1V
14/17
PACKAGE MECHANICAL INFORMATION
Figure 12. PLDIP36 – 36-pin Plastic DIP Long Module, Package Outline
Note: Drawing is not to scale.
Table 11. PLDIP36 – 36-pin Plastic DIP Long Module, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.27
9.52
0.3650
0.3748
A1
0.38
0.0150
B
0.43
0.59
0.0169
0.0232
C
0.20
0.33
0.0079
0.0130
D
52.58
53.34
2.0701
2.1000
E
18.03
18.80
0.7098
0.7402
e1
2.30
2.81
0.0906
0.1106
e3
38.86
47.50
1.5300
1.8701
eA
14.99
16.00
0.5902
0.6299
L
3.05
3.81
0.1201
0.1500
S
4.45
5.33
0.1752
0.2098
N36
36
PMDIP
A1
A
L
B
e1
D
E
N
1
eA
e3
S
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com