Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z35
Description  256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z35 Datasheet HTML 5Page - STMicroelectronics M48Z35 Datasheet HTML 6Page - STMicroelectronics M48Z35 Datasheet HTML 7Page - STMicroelectronics M48Z35 Datasheet HTML 8Page - STMicroelectronics M48Z35 Datasheet HTML 9Page - STMicroelectronics M48Z35 Datasheet HTML 10Page - STMicroelectronics M48Z35 Datasheet HTML 11Page - STMicroelectronics M48Z35 Datasheet HTML 12Page - STMicroelectronics M48Z35 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
M48Z35, M48Z35Y
Operating modes
9/23
Figure 5.
Read mode AC waveforms
Note:
WRITE Enable (W) = High.
Table 3.
Read mode AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
M48Z35/Y
Unit
–70
Min
Max
tAVAV
READ cycle time
70
ns
tAVQV
(2)
2.
CL = 100pF.
Address valid to output valid
70
ns
tELQV
(2)
Chip enable low to output valid
70
ns
tGLQV
(2)
Output enable low to output valid
35
ns
tELQX
(3)
3.
CL = 5pF.
Chip enable low to output transition
5
ns
tGLQX
(3)
Output enable low to output transition
5
ns
tEHQZ
(3)
Chip enable high to output Hi-Z
25
ns
tGHQZ
(3)
Output enable high to output Hi-Z
25
ns
tAXQX
(2)
Address transition to output transition
10
ns
AI00925
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A14
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com