Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48Z35
Description  256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48Z35 Datasheet HTML 15Page - STMicroelectronics M48Z35 Datasheet HTML 16Page - STMicroelectronics M48Z35 Datasheet HTML 17Page - STMicroelectronics M48Z35 Datasheet HTML 18Page - STMicroelectronics M48Z35 Datasheet HTML 19Page - STMicroelectronics M48Z35 Datasheet HTML 20Page - STMicroelectronics M48Z35 Datasheet HTML 21Page - STMicroelectronics M48Z35 Datasheet HTML 22Page - STMicroelectronics M48Z35 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
M48Z35, M48Z35Y
Part numbering
21/23
6
Part numbering
Table 15.
Ordering information scheme
Caution:
Do not place the SNAPHAT battery package “M4Zxx-BR00SH1” in conductive foam as it will
drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Table 16.
SNAPHAT battery table
Example:
M48Z
35Y
–70
MH
1
E
Device type
M48Z
Supply voltage and write protect voltage
35(1) = VCC = 4.75 to 5.5V; VPFD = 4.5 to 4.75V
1.
The M48Z35 part is offered with the PCDIP28 (CAPHAT) package only.
35Y = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
Speed
–70 = 70ns
Package
PC = PCDIP28
MH(2) = SOH28
2.
The SOIC package (SOH28) requires the SNAPHAT® battery package which is ordered separately under
the part number “M4Zxx-BR00SH1” in plastic tubes (see Table 16).
Temperature range
1 = 0 to 70°C
Shipping method
For SOH28:
E = Lead-free Package, Tubes
F = Lead-free Package, Tape & Reel
For PCDIP28:
blank = Tubes
Part Number
Description
Package
M4Z28-BR00SH1
Lithium Battery (48mAh) SNAPHAT
SH
M4Z32-BR00SH1
Lithium Battery (120mAh) SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com