Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48Z35
Description  256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48Z35 Datasheet HTML 7Page - STMicroelectronics M48Z35 Datasheet HTML 8Page - STMicroelectronics M48Z35 Datasheet HTML 9Page - STMicroelectronics M48Z35 Datasheet HTML 10Page - STMicroelectronics M48Z35 Datasheet HTML 11Page - STMicroelectronics M48Z35 Datasheet HTML 12Page - STMicroelectronics M48Z35 Datasheet HTML 13Page - STMicroelectronics M48Z35 Datasheet HTML 14Page - STMicroelectronics M48Z35 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M48Z35, M48Z35Y
Operating modes
11/23
Table 4.
Write mode AC characteristics
2.3
Data retention mode
With valid VCC applied, the M48Z35/Y operates as a conventional BYTEWIDE™ static
RAM. Should the supply voltage decay, the RAM will automatically power-fail deselect, write
protecting itself when VCC falls within the VPFD(max), VPFD(min) window. All outputs
become high impedance, and all inputs are treated as “don't care.”
Note:
A power failure during a WRITE cycle may corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM's content. At voltages below VPFD(min), the
user can be assured the memory will be in a write protected state, provided the VCC fall time
is not less than tF. The M48Z35/Y may respond to transient noise spikes on VCC that reach
into the deselect window during the time the device is sampling VCC. Therefore, decoupling
of the power supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the internal battery which
preserves data. The internal button cell will maintain data in the M48Z35/Y for an
accumulated period of at least 10 years (at 25°C) when VCC is less than VSO.
As system power returns and VCC rises above VSO, the battery is disconnected, and the
power supply is switched to external VCC. Write protection continues until VCC reaches
VPFD(min) plus tREC(min). Normal RAM operation can resume tREC after VCC exceeds
VPFD(max).
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where
noted).
M48Z35/Y
Unit
–70
Min
Max
tAVAV
WRITE cycle time
70
ns
tAVWL
Address valid to WRITE enable low
0
ns
tAVEL
Address valid to chip enable low
0
ns
tWLWH
WRITE enable pulse width
50
ns
tELEH
Chip enable low to chip enable high
55
ns
tWHAX
WRITE enable high to address transition
0
ns
tEHAX
Chip enable high to address transition
0
ns
tDVWH
Input valid to WRITE enable high
30
ns
tDVEH
Input valid to chip enable high
30
ns
tWHDX
WRITE enable high to input transition
5
ns
tEHDX
Chip enable high to input transition
5
ns
tWLQZ
(2)(3)
2.
CL = 5pF (see Figure 10 on page 15).
3.
If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
WRITE enable low to output Hi-Z
25
ns
tAVWH
Address valid to WRITE enable high
60
ns
tAVEH
Address valid to chip enable high
60
ns
tWHQX
(2)(3)
WRITE enable high to output transition
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com