Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48Z35
Description  256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48Z35 Datasheet HTML 8Page - STMicroelectronics M48Z35 Datasheet HTML 9Page - STMicroelectronics M48Z35 Datasheet HTML 10Page - STMicroelectronics M48Z35 Datasheet HTML 11Page - STMicroelectronics M48Z35 Datasheet HTML 12Page - STMicroelectronics M48Z35 Datasheet HTML 13Page - STMicroelectronics M48Z35 Datasheet HTML 14Page - STMicroelectronics M48Z35 Datasheet HTML 15Page - STMicroelectronics M48Z35 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Operating modes
M48Z35, M48Z35Y
12/23
For more information on Battery Storage Life refer to the Application Note AN1012.
Figure 8.
Power down/up mode AC waveforms
Table 5.
Power down/up AC characteristics
Table 6.
Power down/up trip points DC characteristics
Note:
All voltages referenced to VSS.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
Min
Max
Unit
tPD
E or W at VIH before power down
0
µs
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after
VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC fall time
300
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
VPFD (min) to VSS VCC fall time
10
µs
tR
VPFD (min) to VPFD (max) VCC rise time
10
µs
tRB
VSS to VPFD (min) VCC rise time
1
µs
trec
VPFD (max) to inputs recognized
40
200
ms
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
M48Z35
4.5
4.6
4.75
V
M48Z35Y
4.2
4.35
4.5
V
VSO
Battery back-up switchover voltage
M48Z35/Y
3.0
V
tDR
(2)
2.
At 25°C, VCC = 0V.
Expected data retention time
10
YEARS
AI01168C
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tPD
tRB
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com