Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS472_06 Datasheet HTML 3Page - STMicroelectronics TS472_06 Datasheet HTML 4Page - STMicroelectronics TS472_06 Datasheet HTML 5Page - STMicroelectronics TS472_06 Datasheet HTML 6Page - STMicroelectronics TS472_06 Datasheet HTML 7Page - STMicroelectronics TS472_06 Datasheet HTML 8Page - STMicroelectronics TS472_06 Datasheet HTML 9Page - STMicroelectronics TS472_06 Datasheet HTML 10Page - STMicroelectronics TS472_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TS472
Electrical characteristics
7/24
Note:
Unweighted filter = 20Hz
≤F ≤20kHz
Table 7.
Differential RMS noise voltage
Gain
(dB)
Input referred noise voltage
(
μVRMS)
Output noise voltage
(
μVRMS)
Unweighted filter
A-weighted filter
Unweighted filter
A-weighted filter
015
10
15
10
20
3.4
2.3
34
23
40
1.4
0.9
141
91
Table 8.
Bias output RMS noise voltage
Cout
(
μF)
Unweighted filter
(
μVRMS)
A-weighted filter
(
μVRMS)
15
4.4
10
2.2
1.2
Table 9.
SNR (signal to noise ratio), THD+N < 0.5%
Gain
(dB)
Unweighted filter
(dB)
A-weighted filter
(dB)
VCC=2.2V
VCC=3V
VCC=5.5V
VCC=2.2V
VCC=3V
VCC=5.5V
0
75
76
767980
80
20
82
83
83
89
90
90
40
70
72
74
80
82
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com