Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS472_06 Datasheet HTML 13Page - STMicroelectronics TS472_06 Datasheet HTML 14Page - STMicroelectronics TS472_06 Datasheet HTML 15Page - STMicroelectronics TS472_06 Datasheet HTML 16Page - STMicroelectronics TS472_06 Datasheet HTML 17Page - STMicroelectronics TS472_06 Datasheet HTML 18Page - STMicroelectronics TS472_06 Datasheet HTML 19Page - STMicroelectronics TS472_06 Datasheet HTML 20Page - STMicroelectronics TS472_06 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TS472
Application information
17/24
Figure 37 below gives other values of the gain vs. voltage applied on GS pin.
Figure 37.
Gain vs. gain select voltage
5.6
Wake-up time
When the standby is released to put the device ON, a signal appears on the output a few
microseconds later, and the bypass capacitor Cb is charged in a few milliseconds. As Cb is
directly linked to the bias of the amplifier, the bias will not work properly until the Cb voltage
is correct.
In the typical application, when a biased microphone is connected to the differential input via
the input capacitors (Cin), (and the output signal is in line with the specification), the wake-up
time will depend upon the values of the input capacitors Cin and the gain. When gain is
lower than 0dB, the wake-up time is determined only by the bypass capacitor Cb, as
described above. For a gain superior to 0dB, see Figure 38 below.
Figure 38.
Wake-up time in the typical application vs. input capacitors
0
0.2
0.4
0.6
0.8
4
5
-80
-60
-40
-20
0
20
40
Tamb=25
°C
V
GS
(V)
20
40
60
80
100
0
10
20
30
40
50
60
Gain=20dB
Tamb = 25°C
Vcc=3V
Cb=1
μF
Input capacitors C
IN
(nF)
Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com