Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS472_06 Datasheet HTML 7Page - STMicroelectronics TS472_06 Datasheet HTML 8Page - STMicroelectronics TS472_06 Datasheet HTML 9Page - STMicroelectronics TS472_06 Datasheet HTML 10Page - STMicroelectronics TS472_06 Datasheet HTML 11Page - STMicroelectronics TS472_06 Datasheet HTML 12Page - STMicroelectronics TS472_06 Datasheet HTML 13Page - STMicroelectronics TS472_06 Datasheet HTML 14Page - STMicroelectronics TS472_06 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TS472
Electrical characteristics
11/24
Figure 14.
Differential output PSRR vs.
frequency
Figure 15.
Differential output PSRR vs.
frequency
100
1k
10k
-100
-80
-60
-40
-20
0
V
RIPPLE
=200mV
PP
, Inputs grounded
V
CC
=3V, Minimum Gain, Cin=1
μF, T
AMB
=25
°C
Cb=1
μF
No Cb
Cb=100nF
Frequency (Hz)
50
20k
100
1k
10k
-100
-80
-60
-40
-20
0
V
RIPPLE
=200mV
PP
, Inputs grounded
V
CC
=3V, Gain=20dB, Cin=1
μF, T
AMB
=25
°C
Cb=1
μF
No Cb
Cb=100nF
Frequency (Hz)
50
20k
Figure 16.
Single-ended output PSRR vs.
frequency
Figure 17.
Equivalent input noise voltage
density
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V
Vcc=2.2V
Vcc=3V
Vripple=200mVpp
Inputs grounded
Cb=1
μF
Cin=100nF
Tamb=25
°C
Frequency (Hz)
50
20k
10
100
1k
10k
100k
1
10
100
1000
Cin=100nF
R
EQ
=100
Ω
T
AMB
=25
°C
Frequency (Hz)
Figure 18.
Δgain vs. power supply voltage
Figure 19.
Δgain vs. ambient temperature
345
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Maximum Gain
Gain=20dB
F=1kHz
Vin=5mV
Tamb=25°C
Minimum Gain
Power Supply Voltage (V)
2.2
5.5
-40
-20
0
20
406080
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
Maximum Gain
F=1kHz
V
IN
=5mV
Gain=20dB
Minimum Gain
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com