Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 5 Page - STMicroelectronics

  TS472_06 Datasheet HTML 1Page - STMicroelectronics TS472_06 Datasheet HTML 2Page - STMicroelectronics TS472_06 Datasheet HTML 3Page - STMicroelectronics TS472_06 Datasheet HTML 4Page - STMicroelectronics TS472_06 Datasheet HTML 5Page - STMicroelectronics TS472_06 Datasheet HTML 6Page - STMicroelectronics TS472_06 Datasheet HTML 7Page - STMicroelectronics TS472_06 Datasheet HTML 8Page - STMicroelectronics TS472_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TS472
Absolute maximum ratings
5/24
3
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values are measured with respect to the ground pin.
6V
Vi
Input voltage
-0.3 to VCC+0.3
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient:
Flip-chip
QFN24
180
110
°C/W
ESD
Human body model
2
kV
ESD
Machine model
200
V
Lead temperature (soldering, 10sec)
250
°C
Table 4.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.2 to 5.5
V
A
Typical differential gain (GS connected to 4.7k
Ω or bias)
20
dB
VSTBY
Standby voltage input:
Device ON
Device OFF
1.5
≤VSTBY ≤VCC
GND
≤VSTBY ≤0.4
V
Top
Operational free air temperature range
-40 to +85
°C
Rthja
Thermal resistance junction to ambient:
Flip-chip
QFN24
150
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com