Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS482
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS482_05 Datasheet HTML 6Page - STMicroelectronics TS482_05 Datasheet HTML 7Page - STMicroelectronics TS482_05 Datasheet HTML 8Page - STMicroelectronics TS482_05 Datasheet HTML 9Page - STMicroelectronics TS482_05 Datasheet HTML 10Page - STMicroelectronics TS482_05 Datasheet HTML 11Page - STMicroelectronics TS482_05 Datasheet HTML 12Page - STMicroelectronics TS482_05 Datasheet HTML 13Page - STMicroelectronics TS482_05 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical Characteristics
TS482
10/26
Figure 7.
Open loop gain and phase vs.
frequency response
Figure 8.
Open loop gain and phase vs.
frequency response
Figure 9.
Open loop gain and phase vs.
frequency response
Figure 10. Open loop gain and phase vs.
frequency response
Figure 11.
Phase margin vs. power supply voltage Figure 12. Phase margin vs. power supply voltage
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 5V
RL = 600
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
RL = 600
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 5V
RL = 5k
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
RL = 5k
Ω
Tamb = 25
°C
Gain
Phase
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
CL= 0 to 500pF
RL=8
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
CL=0 to 500pF
RL=8
Ω
Tamb=25
°C
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com