Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS482
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS482_05 Datasheet HTML 17Page - STMicroelectronics TS482_05 Datasheet HTML 18Page - STMicroelectronics TS482_05 Datasheet HTML 19Page - STMicroelectronics TS482_05 Datasheet HTML 20Page - STMicroelectronics TS482_05 Datasheet HTML 21Page - STMicroelectronics TS482_05 Datasheet HTML 22Page - STMicroelectronics TS482_05 Datasheet HTML 23Page - STMicroelectronics TS482_05 Datasheet HTML 24Page - STMicroelectronics TS482_05 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Electrical Characteristics
TS482
21/26
Figure 73. Worst case distribution of THD + N
Figure 74. Typical distribution of TDH + N
Figure 75. Best case distribution of THD + N
Figure 76. Worst case distribution of THD + N
Figure 77. Typical distribution of TDH + N
Figure 78. Best case distribution of THD + N
0.012
0.018
0.024
0.030
0.036
0.042
0.048
0
4
8
12
16
20
24
28
32
36
40
Vcc=2V
RL=16
Ω
Av=-1
Pout=8mW
20Hz
≤F≤20kHz
Tamb=25
°C
THD+N (%)
0.012
0.018
0.024
0.030
0.036
0.042
0.048
0
2
4
6
8
10
12
14
16
18
20
Vcc=5V
RL=32
Ω
Av=-1
Pout=60mW
20Hz
≤F≤20kHz
Tamb=25
°C
THD+N (%)
0.012
0.018
0.024
0.030
0.036
0.042
0.048
0
2
4
6
8
10
12
14
16
18
20
Vcc=5V
RL=32
Ω
Av=-1
Pout=60mW
20Hz
≤F≤20kHz
Tamb=25
°C
THD+N (%)
0.012
0.018
0.024
0.030
0.036
0.042
0.048
0
2
4
6
8
10
12
14
16
18
20
Vcc=5V
RL=32
Ω
Av=-1
Pout=60mW
20Hz
≤F≤20kHz
Tamb=25
°C
THD+N (%)
0.012
0.018
0.024
0.030
0.036
0.042
0.048
0
4
8
12
16
20
24
28
32
36
40
Vcc=2V
RL=32
Ω
Av=-1
Pout=6.5mW
20Hz
≤F≤20kHz
Tamb=25
°C
THD+N (%)
0.012
0.018
0.024
0.030
0.036
0.042
0.048
0
4
8
12
16
20
24
28
32
36
40
Vcc=2V
RL=32
Ω
Av=-1
Pout=6.5mW
20Hz
≤F≤20kHz
Tamb=25
°C
THD+N (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com