Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS482
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS482_05 Datasheet HTML 8Page - STMicroelectronics TS482_05 Datasheet HTML 9Page - STMicroelectronics TS482_05 Datasheet HTML 10Page - STMicroelectronics TS482_05 Datasheet HTML 11Page - STMicroelectronics TS482_05 Datasheet HTML 12Page - STMicroelectronics TS482_05 Datasheet HTML 13Page - STMicroelectronics TS482_05 Datasheet HTML 14Page - STMicroelectronics TS482_05 Datasheet HTML 15Page - STMicroelectronics TS482_05 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Electrical Characteristics
TS482
12/26
Figure 19.
Phase margin vs. power supply voltage Figure 20. Gain margin vs. power supply voltage
Figure 21.
Output power vs. power supply voltage Figure 22.
Output power vs. power supply voltage
Figure 23.
Output power vs. power supply voltage Figure 24. Output power vs. load resistance
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
CL=300pF
CL=500pF
CL=0pF
RL=5k
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
CL=500pF
CL=200pF
CL=100pF
CL=0pF
RL=5k
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
25
50
75
100
125
150
175
200
225
250
THD+N=10%
THD+N=0.1%
Av = -1
RL = 8
Ω
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Vcc (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
25
50
75
100
125
150
175
200
THD+N=10%
THD+N=0.1%
Av = -1
RL = 16
Ω
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Vcc (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
25
50
75
100
THD+N=10%
THD+N=0.1%
Av = -1
RL = 32
Ω
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Vcc (V)
8
1624
3240
4856
64
0
20
40
60
80
100
120
140
160
180
200
THD+N=10%
THD+N=0.1%
Av = -1
Vcc = 5V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance ( )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com