Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS482
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS482_05 Datasheet HTML 9Page - STMicroelectronics TS482_05 Datasheet HTML 10Page - STMicroelectronics TS482_05 Datasheet HTML 11Page - STMicroelectronics TS482_05 Datasheet HTML 12Page - STMicroelectronics TS482_05 Datasheet HTML 13Page - STMicroelectronics TS482_05 Datasheet HTML 14Page - STMicroelectronics TS482_05 Datasheet HTML 15Page - STMicroelectronics TS482_05 Datasheet HTML 16Page - STMicroelectronics TS482_05 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Electrical Characteristics
TS482
13/26
Figure 25. Output power vs. load resistance
Figure 26. Output power vs. load resistance
Figure 27. Output power vs. load resistance
Figure 28. Power dissipation vs. output power
Figure 29. Power dissipation vs. output power Figure 30. Power dissipation vs. output power
8
1624
3240
4856
64
0
10
20
30
40
50
60
70
THD+N=10%
THD+N=0.1%
Av = -1
Vcc = 3.3V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (ohm)
8
1624
3240
4856
64
0
5
10
15
20
25
30
35
40
45
50
THD+N=10%
THD+N=0.1%
Av = -1
Vcc = 2.6V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (ohm)
8
1624
3240
4856
64
0
5
10
15
20
25
THD+N=10%
THD+N=0.1%
Av = -1
Vcc = 2V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (ohm)
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
Vcc=5V
F=1kHz
THD+N<1%
RL=32
Ω
RL=16
Ω
RL=8
Ω
Output Power (mW)
0
102030405060
0
10
20
30
40
50
60
70
Vcc=3.3V
F=1kHz
THD+N<1%
RL=8
Ω
RL=16
Ω
RL=32
Ω
Output Power (mW)
0
5
10
15
20
25
30
0
10
20
30
40
Vcc=2.6V
F=1kHz
THD+N<1%
RL=16
Ω
RL=8
Ω
RL=32
Ω
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com