Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482IDT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS482IDT
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482IDT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS482IDT Datasheet HTML 5Page - STMicroelectronics TS482IDT Datasheet HTML 6Page - STMicroelectronics TS482IDT Datasheet HTML 7Page - STMicroelectronics TS482IDT Datasheet HTML 8Page - STMicroelectronics TS482IDT Datasheet HTML 9Page - STMicroelectronics TS482IDT Datasheet HTML 10Page - STMicroelectronics TS482IDT Datasheet HTML 11Page - STMicroelectronics TS482IDT Datasheet HTML 12Page - STMicroelectronics TS482IDT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Electrical Characteristics
TS482
9/26
Figure 1.
Open loop gain and phase vs.
frequency response
Figure 2.
Open loop gain and phase vs.
frequency response
Figure 3.
Open loop gain and phase vs.
frequency response
Figure 4.
Open loop gain and phase vs.
frequency response
Figure 5.
Open loop gain and phase vs.
frequency response
Figure 6.
Open loop gain and phase vs.
frequency response
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 5V
RL = 8
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
RL = 8
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 5V
RL = 16
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
RL = 16
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 5V
RL = 32
Ω
Tamb = 25
°C
Gain
Phase
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
Frequency (kHz)
Vcc = 2V
RL = 32
Ω
Tamb = 25
°C
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com