Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482IDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS482IDT
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482IDT Datasheet(HTML) 2 Page - STMicroelectronics

  TS482IDT Datasheet HTML 1Page - STMicroelectronics TS482IDT Datasheet HTML 2Page - STMicroelectronics TS482IDT Datasheet HTML 3Page - STMicroelectronics TS482IDT Datasheet HTML 4Page - STMicroelectronics TS482IDT Datasheet HTML 5Page - STMicroelectronics TS482IDT Datasheet HTML 6Page - STMicroelectronics TS482IDT Datasheet HTML 7Page - STMicroelectronics TS482IDT Datasheet HTML 8Page - STMicroelectronics TS482IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Absolute Maximum Ratings
TS482
2/26
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values are measured with respect to the ground pin.
6V
Vi
Input Voltage
-0.3 to VCC +0.3
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient
SO8
MiniSO8
DFN8
175
215
70
°C/W
Pd
Power Dissipation (2)
SO-8
MiniSO-8
DFN8
2.
Pd has been calculated with Tamb = 25°C, Tjunction = 150°C.
0.71
0.58
1.79
W
ESD
Human Body Model (pin to pin)
2
kV
ESD
Machine Model - 220pF - 240pF (pin to pin)
200
V
Latch-up
Latch-up Immunity (all pins)
200
mA
Lead Temperature (soldering, 10sec)
250
°C
Lead Temperature (soldering, 10sec) for lead-free
260
°C
Output Short-Circuit Duration
see note (3)
3.
Attention must be paid to continuous power dissipation. Exposure of the IC to a short circuit on one or two
amplifiers simultaneously can cause excessive heating and the destruction of the device.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
RL
Load Resistor
>= 16
Ω
CL
Load Capacitor
RL = 16 to 100Ω
RL > 100Ω
400
100
pF
Vicm
Common Mode Input Voltage Range
GND to VCC
V
Rthja
Thermal Resistance Junction to Ambient
SO-8
MiniSO-8
DFN8(1)
1.
When mounted on a 4-layer PCB.
150
190
41
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com