Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482IDT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS482IDT
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482IDT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS482IDT Datasheet HTML 7Page - STMicroelectronics TS482IDT Datasheet HTML 8Page - STMicroelectronics TS482IDT Datasheet HTML 9Page - STMicroelectronics TS482IDT Datasheet HTML 10Page - STMicroelectronics TS482IDT Datasheet HTML 11Page - STMicroelectronics TS482IDT Datasheet HTML 12Page - STMicroelectronics TS482IDT Datasheet HTML 13Page - STMicroelectronics TS482IDT Datasheet HTML 14Page - STMicroelectronics TS482IDT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Electrical Characteristics
TS482
11/26
Figure 13. Phase margin vs. power supply voltage Figure 14. Gain margin vs. power supply voltage
Figure 15. Phase margin vs. power supply voltage Figure 16. Gain margin vs. power supply voltage
Figure 17. Phase margin vs. power supply voltage Figure 18. Gain margin vs. power supply voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
CL= 0 to 500pF
RL=16
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
CL=0 to 500pF
RL=16
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
CL= 0 to 500pF
RL=32
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
CL=0 to 500pF
RL=32
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
CL=500pF
CL=0pF
RL=600
Ω
Tamb=25
°C
Power Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
CL=500pF
CL=200pF
CL=100pF
CL=0pF
RL=600
Ω
Tamb=25
°C
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com