Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS482IDT
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482IDT Datasheet(HTML) 3 Page - STMicroelectronics

  TS482IDT Datasheet HTML 1Page - STMicroelectronics TS482IDT Datasheet HTML 2Page - STMicroelectronics TS482IDT Datasheet HTML 3Page - STMicroelectronics TS482IDT Datasheet HTML 4Page - STMicroelectronics TS482IDT Datasheet HTML 5Page - STMicroelectronics TS482IDT Datasheet HTML 6Page - STMicroelectronics TS482IDT Datasheet HTML 7Page - STMicroelectronics TS482IDT Datasheet HTML 8Page - STMicroelectronics TS482IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TS482
Electrical Characteristics
3/26
2
Electrical Characteristics
Table 3.
Electrical characteristics when VCC = +5V, GND = 0V, Tamb = 25°C (unless
otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
5.5
7.2
mA
VIO
Input Offset Voltage (VICM = VCC/2)
15
mV
IIB
Input Bias Current (VICM = VCC/2)
200
500
nA
PO
Output Power
THD+N = 0.1% Max, F = 1kHz, RL = 32Ω
THD+N = 1% Max, F = 1kHz, RL = 32Ω
THD+N = 0.1% Max, F = 1kHz, RL = 16Ω
THD+N = 1% Max, F = 1kHz, RL = 16Ω
60
95
65
67.5
100
107
mW
THD + N
Total Harmonic Distortion + Noise (Av=-1)
(1)
RL = 32Ω, Pout = 60mW, 20Hz ≤F ≤20kHz
RL = 16Ω, Pout = 90mW, 20Hz ≤F ≤20kHz
1.
Fig. 68 to 79 show dispersion of these parameters.
0.03
0.03
%
PSRR
Power Supply Rejection Ratio (Av=1), inputs floating
F = 100Hz
, Vripple = 100mVpp
85
dB
IO
Max Output Current
THD +N < 1%, RL = 16Ω connected between out and VCC/2
106
120
mA
VO
Output Swing
VOL: RL = 32Ω
VOH: RL = 32Ω
VOL: RL = 16Ω
VOH: RL = 16Ω
4.45
4.2
0.4
4.6
0.55
4.4
0.48
0.65
V
SNR
Signal-to-Noise Ratio (Filter Type A, Av=-1)
RL = 32Ω, THD +N < 0.2%, 20Hz ≤F ≤20kHz
95
110
dB
Crosstalk
Channel Separation, RL = 32Ω
F = 1kHz
F = 20Hz to 20kHz
Channel Separation, RL = 16Ω
F = 1kHz
F = 20Hz to 20kHz
100
80
100
80
dB
CI
Input Capacitance
1
pF
GBP
Gain Bandwidth Product (RL = 32Ω)
1.35
2.2
MHz
SR
Slew Rate, Unity Gain Inverting (RL = 16Ω)
0.45
0.7
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com