Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7439 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7439 Datasheet HTML 5Page - STMicroelectronics TDA7439 Datasheet HTML 6Page - STMicroelectronics TDA7439 Datasheet HTML 7Page - STMicroelectronics TDA7439 Datasheet HTML 8Page - STMicroelectronics TDA7439 Datasheet HTML 9Page - STMicroelectronics TDA7439 Datasheet HTML 10Page - STMicroelectronics TDA7439 Datasheet HTML 11Page - STMicroelectronics TDA7439 Datasheet HTML 12Page - STMicroelectronics TDA7439 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TDA7439
Application suggestions
9/23
Transposing and solving for the external component values we get:
3.1.2
Treble stage
The treble stage is a high-pass filter whose time constant is fixed by an internal resistor
(25 k
Ω typically) and an external capacitor connected between treble pins and ground.
Typical responses are shown in Figure 10 and Figure 11.
3.2
Pin CREF
The suggested value of 10 µF for the reference capacitor (CREF), connected to pin CREF,
can be reduced to 4.7 µF if the application requires faster power-on.
3.3
Electrical characteristics
C1
A
V
1
2
π Fc Ri Q
⋅⋅
------------------------------------------
=
C2
Q
2
C1
A
V
1
Q
2
------------------------------
=
R2
A
V
1
Q
2
2
π C1 Fc A
V
1
() Q
⋅⋅
⋅⋅
----------------------------------------------------------------------
=
Figure 5.
THD vs frequency
Figure 6.
THD vs RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com