Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7439 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7439 Datasheet HTML 7Page - STMicroelectronics TDA7439 Datasheet HTML 8Page - STMicroelectronics TDA7439 Datasheet HTML 9Page - STMicroelectronics TDA7439 Datasheet HTML 10Page - STMicroelectronics TDA7439 Datasheet HTML 11Page - STMicroelectronics TDA7439 Datasheet HTML 12Page - STMicroelectronics TDA7439 Datasheet HTML 13Page - STMicroelectronics TDA7439 Datasheet HTML 14Page - STMicroelectronics TDA7439 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TDA7439
I2C bus interface
11/23
4
I2C bus interface
Data transmission from the microprocessor to the TDA7439 and vice versa takes place
through the 2-wire I2C bus interface. This consists of the data and clock lines, SDA and SCL.
Pull-up resistors to the positive supply voltage must be used (there are no internal pull-ups).
4.1
Data validity
The data on the SDA line must be stable during the high period of the clock as shown in
Figure 12. SDA is allowed to change only when SCL is low.
4.2
Start and stop conditions
As shown in Figure 13 a start condition is a high to low transition of SDA while SCL is high.
The stop condition is a low to high transition of SDA while SCL is high.
4.3
Byte format
Every byte transferred on the SDA line must contain 8 bits. The MSB is transferred first.
There is also provision for an acknowledge bit to follow each byte to indicate that the data
has been received.
4.4
Acknowledge
The master (µP) puts a resistive high level on SDA during the acknowledge clock pulse (see
Figure 14). The peripheral (audio processor) that acknowledges has to pull down (low) the
SDA line during this clock pulse.
The audio processor which has been addressed has to generate an acknowledge after the
reception of each byte, otherwise the SDA line remains at the high level during the ninth
clock pulse time. In this case the master transmitter can generate the STOP information in
order to abort the transfer.
4.5
Transmission without acknowledge
Suppressing the audio processor acknowledge detection enables the µP to use a simpler
transmission: it simply waits for one clock, without checking the slave acknowledging, and
then sends the new data.
This approach has, of course, less protection from transmission errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com