Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7439 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7439 Datasheet HTML 9Page - STMicroelectronics TDA7439 Datasheet HTML 10Page - STMicroelectronics TDA7439 Datasheet HTML 11Page - STMicroelectronics TDA7439 Datasheet HTML 12Page - STMicroelectronics TDA7439 Datasheet HTML 13Page - STMicroelectronics TDA7439 Datasheet HTML 14Page - STMicroelectronics TDA7439 Datasheet HTML 15Page - STMicroelectronics TDA7439 Datasheet HTML 16Page - STMicroelectronics TDA7439 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TDA7439
I2C bus transmission examples
13/23
5
I2C bus transmission examples
5.1
No address incrementing
The TDA7439 receives a start condition followed by the correct chip address, then a sub
address with the bit B = 0 (for no address increment), then the data bytes to be sent to the
sub address and finally a stop condition.
Figure 16.
SDA addressing and data for B = 0
5.2
Address incrementing
The TDA7439 receives a start condition followed by the correct chip address, then a sub
address with the B = 1 for address incrementing; now it is in a loop condition with an
automatic increase of the sub address up to D[3:0] = 0x7. That is, the data for sub
addresses from D[3:0] = 1000 (binary) to 1111 are ignored.
In Figure 17 below, DATA1 is directed to the sub address sent (that is, D[3:0]), DATA2 is
directed to the sub address incremented by 1 (that is, 1 + D[3:0]) and so forth until a stop
condition is received to terminate the transmission.
Figure 17.
SDA addressing and data for B = 1
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU421
X
D3
SUBADDRESS
DATA
X
X
0
D2 D1 D0
Table 6.
Power-on-reset conditions
Parameter
POR value
Input selection
IN2
Input gain
28 dB
Volume
MUTE
Bass
0 dB
Mid-range
2 dB
Treble
2 dB
Speaker
MUTE
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU422
X
D3
SUBADDRESS
DATA 1 to DATA n
X
X
1
D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com