Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7439 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7439 Datasheet HTML 13Page - STMicroelectronics TDA7439 Datasheet HTML 14Page - STMicroelectronics TDA7439 Datasheet HTML 15Page - STMicroelectronics TDA7439 Datasheet HTML 16Page - STMicroelectronics TDA7439 Datasheet HTML 17Page - STMicroelectronics TDA7439 Datasheet HTML 18Page - STMicroelectronics TDA7439 Datasheet HTML 19Page - STMicroelectronics TDA7439 Datasheet HTML 20Page - STMicroelectronics TDA7439 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TDA7439
I2C bus addresses and data
17/23
Table 13.
Treble gain value (sub address 0x5)
MSB
LSB
Treble gain
2-dB steps
D7
D6
D5
D4
D3
D2
D1
D0
XX
XX
0
0
0
0
-14 dB
XX
XX
0
0
0
1
-12 dB
XX
XX
0
0
1
0
-10 dB
XX
XX
0
0
1
1
-8 dB
XX
XX
0
1
0
0
-6 dB
XX
XX
0
1
0
1
-4 dB
XX
XX
0
1
1
0
-2d B
XX
XX
X
1
1
1
0 dB
XX
XX
1
1
1
0
2 dB
XX
XX
1
1
0
1
4 dB
XX
XX
1
1
0
0
6 dB
XX
XX
1
0
1
1
8 dB
XX
XX
1
0
1
0
10 dB
XX
XX
1
0
0
1
12 dB
XX
XX
1
0
0
0
14 dB
Table 14.
Speaker attenuation value (sub address 0x6, 0x7)
MSB
LSB
Speaker attenuation
1-dB steps
D7
D6
D5
D4
D3
D2
D1
D0
X
0
00
00
00
0 dB
X
0
00
00
01
1 dB
X
0
00
00
10
2 dB
X
0
00
00
11
3 dB
X
0
00
01
00
4 dB
X
0
00
01
01
5 dB
X
0
00
01
10
6 dB
X
0
00
01
11
7 dB
X
0
00
10
00
8 dB
X
0
01
00
00
16 dB
X
0
01
10
00
24 dB
X
0
10
00
00
32 dB
X
0
10
10
00
40 dB
X
0
11
00
00
48 dB
X
0
11
10
00
56 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com