Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670AS Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 6Page - STMicroelectronics PM6670AS Datasheet HTML 7Page - STMicroelectronics PM6670AS Datasheet HTML 8Page - STMicroelectronics PM6670AS Datasheet HTML 9Page - STMicroelectronics PM6670AS Datasheet HTML 10Page - STMicroelectronics PM6670AS Datasheet HTML 11Page - STMicroelectronics PM6670AS Datasheet HTML 12Page - STMicroelectronics PM6670AS Datasheet HTML 13Page - STMicroelectronics PM6670AS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Electrical characteristics
PM6670AS
10/54
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Current limit and zero crossing comparator
ICSNS
CSNS input bias current
90
100
110
µA
Comparator offset
-6
6
mV
Positive current limit threshold
Rsense = 1 k
Ω
VPGND - VCSNS
100
mV
Fixed negative current limit
threshold
110
mV
VZC,OFFS
Zero crossing comparator
offset
-11
-5
1
mV
High and low side gate drivers
HGATE driver on-resistance
HGATE high state (pull-up)
2.0
3
Ω
HGATE low state (pull-down)
1.8
2.7
LGATE driver on-resistance
LGATE high state (pull-up)
1.4
2.1
LGATE low state (pull-down)
0.6
0.9
UVP/OVP protections and PGOOD SIGNAL (SMPS only)
OVP
Over voltage threshold
112
115
118
%
UVP
Under voltage threshold
67
70
73
PGOOD
Power-good upper threshold
107
110
113
Power-good lower threshold
86
90
93
IPG,LEAK PG leakeage current
PG forced to 5 V
1
µA
VPG,LOW PG low-level voltage
IPG,SINK = 4 mA
150
250
mV
Soft-start section (SMPS)
Soft-start ramp time
(4 steps current limit)
23
4
ms
Soft-start current limit step
25
µA
Soft-end section
VDDQ discharge resistance
in non-tracking discharge
mode
15
25
35
Ω
VTT discharge resistance in
non-tracking discharge mode
15
25
35
VTTREF discharge
resistance in non-tracking
discharge mode
11.5
2
k
Ω
Table 6.
Electrical characteristics (continued)
TA = -25 °C to 85 °C , VCC = AVCC = +5 V and LDOIN connected to VDDQ output if not
otherwise specified (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com