Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670AS Datasheet(PDF) 44 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 40Page - STMicroelectronics PM6670AS Datasheet HTML 41Page - STMicroelectronics PM6670AS Datasheet HTML 42Page - STMicroelectronics PM6670AS Datasheet HTML 43Page - STMicroelectronics PM6670AS Datasheet HTML 44Page - STMicroelectronics PM6670AS Datasheet HTML 45Page - STMicroelectronics PM6670AS Datasheet HTML 46Page - STMicroelectronics PM6670AS Datasheet HTML 47Page - STMicroelectronics PM6670AS Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
Application information
PM6670AS
44/54
If ceramic capacitors are used, the output voltage ripple due to inductor current ripple is
negligible. Then the inductance could be smaller, reducing the size of the choke. In this case
it is important that output capacitor can adsorb the inductor energy without generating an
over-voltage condition when the system changes from a full load to a no load condition.
The minimum output capacitance can be chosen by the following equation:
Equation 38
where Vf is the output capacitor voltage after the load transient, while VI is the output
capacitor voltage before the load transient.
In Table 8 are listed some tested polymer capacitors are listed.
8.1.4
MOSFETs selection
In most of the applications, power management efficiency is a high level requirement. Power
dissipation on the power switches becomes animportant factor in the selection of switches.
Losses of high-side and low-side MOSFETs depend on their working condition.
Considering the high-side MOSFET, the power dissipation is calculated as:
Equation 39
Maximum conduction losses are approximately given by:
Equation 40
Table 8. Evaluated output capacitors
Manufacturer
Series
Capacitance
(µF)
Rated voltage
(V)
ESR max @100 kHz
(m
Ω)
SANYO
4TPE220MF
220
4 V
15 to 25
4TPE150MI
220
4 V
18
4TPC220M
220
4 V
40
HITACHI
TNCB OE227MTRYF
220
2.5 V
25
2
2
MAX
,
LOAD
min
,
OUT
Vi
Vf
I
L
C
−
⋅
=
2
switching
conduction
DHighSide
P
P
P
+
=
2
MAX
,
LOAD
min
.
IN
OUT
DSon
conduction
I
V
V
R
P
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com