Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670AS Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 15Page - STMicroelectronics PM6670AS Datasheet HTML 16Page - STMicroelectronics PM6670AS Datasheet HTML 17Page - STMicroelectronics PM6670AS Datasheet HTML 18Page - STMicroelectronics PM6670AS Datasheet HTML 19Page - STMicroelectronics PM6670AS Datasheet HTML 20Page - STMicroelectronics PM6670AS Datasheet HTML 21Page - STMicroelectronics PM6670AS Datasheet HTML 22Page - STMicroelectronics PM6670AS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
PM6670AS
Device description
19/54
7
Device description
The PM6670AS is designed to satisfy DDR2-3 power supply requirements combining a
synchronous buck controller, a 15 mA buffered reference and a high-current Low-Drop Out
(LDO) linear regulator capable of sourcing and sinking up to 2 Apk. The switching controller
section is a high-performance, pseudo-fixed frequency, Constant-On-Time (COT) based
regulator specifically designed for handling fast load transient over a wide range of input
voltages.
The DDR2-3 supply voltage VDDQ can be easily set to 1.8 V (DDR2) or 1.5 V (DDR3)
without additional components. The output voltage can also be adjusted in the 0.9 V to 2.6 V
range using an external resistor divider. The Switching Mode Power Supply (SMPS) can
handle different modes of operation in order to minimize noise or power consumption,
depending on the application needs.
A lossless current sensing scheme, based on the Low-Side MOSFET’s on resistance avoids
the need for an external current sense resistor.
The output of the linear regulator (VTT) tracks the memory’s reference voltage VTTREF
within ±30 mV over the full operating load conditions. The input of the LDO can be either
VDDQ or a lower voltage rail in order to reduce the total power dissipation. Linear regulator
stability is achieved by filtering its output with a ceramic capacitor
(20 µF or greater).
The reference voltage (VTTREF) section provides a voltage equal to one half of VSNS with
an accuracy of 1 %. This regulator can source and sink up to ±15 mA. A 10 nF to 100 nF
bypass capacitor is required between VTTREF and SGND for stability.
According to DDR2/3 JEDEC specifications, when the system enters the Suspend-To-RAM
state the LDO output is left in high impedance while VTTREF and VDDQ are still alive.
When the Suspend-To-Disk state (S3 and S5 tied to ground) is entered, all outputs are
actively discharged when either tracking or non-tracking discharge is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com